Part Number Hot Search : 
16771 APW7116 S3774 VT4006 2009DH MJ3001 H78LXXAM 01610
Product Description
Full Text Search
 

To Download 2SA957 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA957 2SA958
DESCRIPTION *With TO-220 package *High breakdown voltage *High power dissipation APPLICATIONS *For general purpose applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL PARAMETER 2SA957 VCBO Collector-base voltage 2SA958 2SA957 VCEO Collector-emitter voltage 2SA958 VEBO IC IB PT Tj Tstg Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 Open collector Open base -200 -6 -2.0 -1.0 30 150 -55~150 V A A W Open emitter -200 -150 V CONDITIONS VALUE -150 V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SA957 IC=-25mA ,IB=0 2SA958 IC=-0.7A; IB=-0.07A VCB=-150V; IE=0 CONDITIONS
2SA957 2SA958
SYMBOL
MIN -150
TYP.
MAX
UNIT
VCEO(BR)
Collector-emitter breakdown voltage
V -200 -1.5 V
VCEsat
Collector-emitter saturation voltage 2SA957 2SA958
ICBO
Collector cut-off current
-100 VCB=-200V; IE=0 VEB=-6V; IC=0 IC=-0.7A ; VCE=-10V IC=-0.2A ; VCE=-12V 40 20 -1.0
A
IEBO hFE fT
Emitter cut-off current DC current gain Transition frequency
mA
MHz
Switching times resistive load tr ts tf Rise time Storage time Fall time IC=-1.0A IB1=- IB2=-0.1A RL=20B;VCC=-20V 0.4 1.5 0.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA957 2SA958
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA957

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X